|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
www.recom-international.com 1 12-february 2006 60 watt single output powerline ac/dc-converter rac60-sa series ac-dc power supply 60 watt pcb mount package universal input voltage range 3000vac isolation low output ripple and noise short circuit protected features regulated converters selection guide part input output output output efficiency number range voltage current ripple & noise (vac) (vdc) (ma) (mvp-p) % rac60-05sa 90-264 5 10000 100 76 rac60-12sa 90-264 12 5000 150 80 rac60-15sa 90-264 15 4000 200 80 rac60-24sa 90-264 24 2500 300 80 input voltage range 90-264vac or 120-370vdc rated power 60 watts max. input frequency range (for ac input) 47-63hz input current (full load) 2000ma max. (115vac) / 1000ma max. (230vac) inrush current (<2ms) 20a max. (115vac) / 40a max. (230vac) leakage current 3.5ma max. output voltage accuracy (full load) 2% line voltage regulation (ll to hl at full load) single 1% typ. load voltage regulation (5% to 100% full load) single 1% typ. minimum load 1% output ripple (20mhz limited) see table output trim 10% operating frequency 133khz typ. efficiency at full load see table isolation voltage (input to output) 3.000vac min. temperature coefficient 0.02%/c typ. isolation resistance 100 mohm max. short circuit protection continuous, hiccup, automatic restart operating temperature range free air convection, with derating -25c to +70c storage temperature range -40c to +85c humidity 95% rh max. case material plastic resin with fibreglass (ul94v-0) package weight 420g mtbf (using mil-hdbk-217f, 25c) >130 x 103 hours specifications ( typical at 25c, nominal input voltage and after warm up time unless otherwise specified ) derating graph (ambient temperature) ! " 12-february 2006 www.recom-international.com 2 rac60-s_d_ta series powerline ac/dc-converter package style and pinning simplified schematics # #$ $# # # # # # # $# # $# # # # $% & ' ( xx.x 0.5 mm xx.xx 0.25 mm pin connections- single output pin # dia.(mm) function 1 1.2 fg 2 1.8 vac in (n) 3 1.8 vac in (l) 4 1.2 trim 5 1.8 -vdc out 6 1.8 +vdc out ( ) * & *+ , ( ( -. /0 & ) ( 1 2 3 . 4 5 63 && single |
Price & Availability of RAC60-XXSA |